| データシートサーチシステム |
|
ST52F510GMM6 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510GMM6 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 106 page ![]() ST52F510/F513/F514 59/106 Example 1: IF Input1 IS NOT Mbf1 AND Input4 is Mbf12 OR Input3 IS Mbf8 THEN Crisp1 is codified by the following instructions: Example 2, the priority of the operator is fixed by the brackets: IF (Input3 IS Mbf1 AND Input4 IS NOT Mbf15) OR (Input1 IS Mbf6 OR Input6 IS NOT Mbf14) THEN Crisp2 At the end of the fuzzy rules related to the current Fuzzy Variable, by using the instruction OUT reg, the specified register is written with the computed value. Afterwards, the control of the algorithm returns to the CU. The next Fuzzy Variable evaluation must start again with a FUZZY instruction. ISNOT 1 1 calculates the NOT α value of Input1 with Mbf1 and stores the result in internal registers FZAND implements the operation AND between the previous and the next alpha value evaluated IS 4 12 fixes the α value of Input 4 with Mbf12 and stores the result in internal registers FZOR implements the operation OR between the previous and the next alpha value evaluated IS 3 8 fixes the α value of Input 3 with Mbf8 and stores the result in internal registers CON crisp1 multiplies the result of the last Ω operation with the crisp value crisp1 ( parenthesis open to change the priority IS 3 1 fixes the α value of Input 3 with Mbf1 and stores the result in internal registers FZAND implements the operation AND between the previous and the next alpha value evaluated ISNOT 4 15 calculates the NOT α value of Input4 with Mbf15 and stores the result in internal registers ) parenthesis closed FZOR implements the operation OR between the previous and the next alpha value evaluated ( parenthesis open to change the priority IS 1 6 fixes the α value of Input 1 with Mbf6 and stores the result in internal registers FZOR implements the operation OR between the previous and the next alpha value evaluated ISNOT 2 14 calculates the NOT α value of Input6 with Mbf14 and stores the result in internal registers ) parenthesis closed CON crisp2 multiplies the result of the last Ω operation with the crisp value crisp2 |