| データシートサーチシステム |
|
ST52F514YMM6 データシート(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F514YMM6 データシート(HTML) 90 Page - STMicroelectronics |
|
90 / 106 page ![]() ST52F510/F513/F514 90/106 Figure 14.3 Tranfer Sequencing 7-bit Slave receiver: 7-bit Slave transmitter: 7-bit Master receiver: 7-bit Master transmitter: 10-bit Slave receiver: 10-bit Slave transmitter: 10-bit Master transmitter: 10-bit Master receiver: Legend: S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge EVx=Event (with interrupt if ITE=1) EV1: EVF=1, ADSL=1, cleared by reading I2C_SR1 register. EV2: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by reading I2C_IN register. EV3: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register. EV3-1: EVF=1, AF=1, BTF=1, SCL=0; AF is cleared by reading I2C_SR2. BTF is cleared by releasing the lines (STOP=1,STOP=0) or by readyng I2C_SR1 and writing I2C_OUT register (I2C_OUT=FFh).Note: If lines are released by STOP=1, STOP=0, the subsequent EV4 is not seen EV4: EVF=1, STOPF=1, cleared by reading I2C_SR2 register. EV5: EVF=1, SB=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register. EV6: EVF=1, cleared by reading I2C_SR1 register followed by writing I2C_CR (for example PE=1 EV7: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by reading I2C_IIN register. EV8: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register. EV9: EVF=1, ADD10=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT registe S Address A Data1 A Data2 A ..... DataN A P EV1 EV2 EV2 EV2 EV4 S Address A Data1 A Data2 A ..... DataN NA P EV1 EV3 EV3 EV3 EV3-1 EV4 S Address A Data1 A Data2 A ..... DataN NA P EV5 EV6 EV7 EV7 EV7 S Address A Data1 A Data2 A ..... DataN A P EV5 EV6 EV8 EV8 EV8 EV8 S Header A Address A Data1 A ..... DataN A P EV1 EV2 EV2 EV4 Sr Header A Data1 A ..... DataN A P EV1 EV3 EV3 EV3-1 EV4 S Header A Address A Data1 A ..... DataN A P EV5 EV9 EV6 EV8 EV8 EV8 Sr Header A Data1 A ..... DataN A P EV5 EV6 EV7 EV7 |