| データシートサーチシステム |
|
ST52F514YMM6 データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F514YMM6 データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 106 page ![]() ST52F510/F513/F514 54/106 1: Port C pin with pull-up Port C Option Register (PORT_C_OR) Configuration Register 33 (021h) Read/Write Reset Value: 0000 0000 (00h) Note: This register is not used in 16/20 pin devices Bit 7-6: Not Used Bit 5-0: ORC5-0 Port C option (see Table 7.1) Port C Data Direction Register (PORT_C_DDR) Configuration Register 34 (022h) Read/Write Reset Value: 0000 0000 (00h) Note: This register is not used in 16/20 pin devices Bit 7-6: Not Used Bit 5-0: DDRC5-0 Port C direction (see Table 7.1) 0: Port C pin configured as input 1: Port C pin configured as output Note: in order to achieve low current consuption, the port pins must be configured as input pull-up, even though they are not existing in the package. For example in 20 pin devices, the pins PB6-7 and PC0-7 must be configured in input pull-up. Port C Alternate Fuction (PORT_C_AF) Configuration Register 35 (023h) Read/Write Reset Value: 0000 0000 (00h) Bit 7-6: Not Used Bit 5: AFC5 Alternate Function PC5 0: Digital I/O 1: TRES Bit 4: AFC4 Alternate Function PC4 0: Digital I/O 1: TX Bit 3: AFC3 Alternate Function PC3 0: Digital I/O 1: SS Bit 2: AFC2 Alternate Function PC2 0: Digital I/O 1: MISO Bit 1: AFC1 Alternate Function PC1 0: Digital I/O 1: MOSI Bit 0: AFC0 Alternate Function PC0 0: Digital I/O 1: SCK 7.6.2 Input Registers. Port A Data Input Register (PORT_A_IN) Input Register 0 (00h) Read only Reset Value: XXXX XXXX Bit 7-0: PAI7-0 Port A Input data The logical level applied in the Port A pins, configured as digital input, can be achieved by reading this register. Port B Data Input Register (PORT_B_IN) Input Register 1 (01h) Read only Reset Value: XXXX XXXX (*) Not used in 16/20 pin package devices (**) Not used in 16 pin package devices 70 - - ORC5 ORC4 ORC3 ORC2 ORC1 ORC0 70 - - DDRC5 DDRC4 DDRC3 DDRC2 DDRC1 DDRC0 70 - - AFC5 AFC4 AFC3 AFC2 AFC1 AFC0 70 PAI7 PAI6 PAI5 PAI4 PAI3 PAI2 PAI1 PAI0 70 PBI7* PBI6* PBI5** PBI4** PBI3** PBI2** PBI1 PBI0 |