| データシートサーチシステム |
|
ST52F514FMB6 データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F514FMB6 データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 106 page ![]() ST52F510/F513/F514 97/106 Figure 15.2 Serial Peripheral Interface Block Diagram Procedure – Select the SPR0, SPR1 and SPR2 bits to define the serial clock baud rate (see SPI_CR register). – Select the CPOL and CPHA bits to define one of the four relationships between the data transfer and the serial clock (see Figure 15.4). –The SS pin must be connected to a high level signal during the complete byte transmit se- quence. – The MSTR and SPE bits must be set (they re- main set only if the SS pin is connected to a high level signal). In this configuration the MOSI pin is a data output and to the MISO pin is a data input. Transmit sequence Transmit sequence begins when a byte is written in the SPI_OUT register. The data byte is loaded in parallel into the 8-bit shift register (from the internal bus) during a write cycle and then shifted out serially to the MOSI pin most significant bit first. When data transfer is complete: – The SPIF bit is set by hardware – An interrupt is generated if the SPIE bit is set. During the last clock cycle the SPIF bit is set, a copy of the data byte received in the shift register is moved to a buffer. When the SPI_IN register is read, the SPI peripheral returns this buffered value. Clearing the SPIF bit is performed by the following software sequence: 1. An access to the SPI_STATUS_CR register while the SPIF bit is set 2. A read to the SPI_IN register. Note: While the SPIF bit is set, all writes to the SPI_OUT register are inhibited until the SPI_STATUS_CR register is read. SPI_IN Read Buffer 8-Bit Shift Register Write Read Internal Bus SPI SPIE SPE MSTR CPHA SPR0 SPR1 CPOL SPIF WCOL MODF SERIAL CLOCK GENERATOR MOSI MISO SS SCK CONTROL STATE SPI_CR SPI_STATUS_CR - IT request MASTER CONTROL SPR2 OR SSI SSM SOD SPI_OUT |