データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52F514FMB6 データシート(PDF) 51 Page - STMicroelectronics

部品番号 ST52F514FMB6
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMB6 データシート(HTML) 51 Page - STMicroelectronics

Back Button ST52F514FMB6 Datasheet HTML 47Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 48Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 49Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 50Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 51Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 52Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 53Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 54Page - STMicroelectronics ST52F514FMB6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
ST52F510/F513/F514
51/106
7.5 Alternate Functions
The Alternate Function allows the pins to be
connected with the peripheral signals or NMI. Not
all
Port
pins
have
an
Alternate
Function
associated.
A Configuration Register (PORT_x_AF) for each
Port is used to switch from the Digital I/O function
or the Alternate Function.
Some pins can have two Alternate Functions: one
input function and one output function. To switch
between the two functions, the PORT_x_AF must
be configured in Alternate Function mode and the
PORT_x_DDR Configuration Register must be
switched in Input mode or in Output mode.
NMI is considered an Alternate Function. For this
reason
an
NMI
interrupt
request
can’t
be
generated unless the PA7 pin is configured in
Alternate Function and in one of the Input modes.
Figure 7.3 Port Pin Architecture
When an on-chip peripheral is configured to use a
pin, the correct I/O mode of the related pin should
be selected by selecting one of the appropriate
modes. See the Registers description in order to
obtain the right configurations.Some peripherals,
as for example the I2C peripheral, directly drive the
pin configuration according to the current function,
overriding the user configuration.
7.6 Register Description
In order to configure the Port’s pins, the three
Configuration
Registers
PORT_x_PULLUP,
PORT_x_OR
and
PORT_x_DDR
must
be
configured. The combination of these three
registers
determine
the
pin’s
configuration,
according to the scheme shown in Table 7.1.
In order to select between the digital functions or
Alternate functions PORT_x_AF register must be
configured. Each bit of the configuration registers
configures the pin of the corresponding position
(example: PORT_A_DDR bit 5 configures the pin
PA5).
CONF. REG.
D
E
C
O
D
E
R
FF
REGISTER
FILE
ALTERNATE
FUNCTION
INTERRUPT
POLARITY
IRQ
TO INPUT
REGISTER
Vdd
DIGITAL
PORT PIN
INT
PU
SEL
EN
ENABLE
DATA
CONF. REG.
CONF. REG.
CONF. REG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More