データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52F514GMM6 データシート(PDF) 99 Page - STMicroelectronics

部品番号 ST52F514GMM6
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514GMM6 データシート(HTML) 99 Page - STMicroelectronics

Back Button ST52F514GMM6 Datasheet HTML 95Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 96Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 97Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 98Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 99Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 100Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 101Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 102Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 106 page
background image
ST52F510/F513/F514
99/106
is taking place with an external device. When this
occurs, the transfer continues uninterrupted; and
the software writing will be unsuccessful.
Write collisions can occur both in master and slave
mode.
Note: a “read collision” will never occur since the
data byte received is placed in a buffer, in which
access is always synchronous with the ICU
operation.
In Slave mode
When the CPHA bit is set:
The slave device will receive a clock (SCK) edge
prior to the latch of the first data transfer. This first
clock edge will freeze the data in the slave device
SPI_OUT register and output the MSBit on to the
external MISO pin of the slave device.
The SS pin low state enables the slave device, but
the output of the MSBit onto the MISO pin does not
take place until the first data transfer clock edge
occurs.
When the CPHA bit is reset:
Data is latched on the occurrence of the first clock
transition. The slave device doesn’t have a way of
knowing when that transition will occur; therefore,
the slave device collision occurs when software
attempts to write the SPI_OUT register after its SS
pin has been pulled low.
For this reason, the SS pin must be high, between
each data byte transfer, in order to allow the CPU
to write in the SPI_OUT register without generating
a write collision.
In Master mode
Collision in the master device is defined as a write
of the SPI_OUT register, while the internal serial
clock (SCK) is in the process of transfer.
The SS pin signal must always be high on the
master device.
Figure 15.3 CHPA/SS Timing Diagram
WCOL bit
The WCOL bit in the SPI_STATUS_CR register is
set if a write collision occurs.
No SPI interrupt is generated when the WCOL bit
is set (the WCOL bit is a status flag only).
The WCOL bit is cleared by a software sequence
(see Section 15.5).
15.4.5 Master Mode Fault.
Master mode fault occurs when the master device
has its SS pin pulled low, then the MODF bit is set.
Master mode fault affects the SPI peripheral in the
following ways:
– The MODF bit is set and an SPI interrupt is
generated if the SPIE bit is set.
– The SPE bit is reset. This blocks all output from
the device and disables the SPI peripheral.
– The MSTR bit is reset, forcing the device into
slave mode.
Clearing the MODF bit is done through a software
sequence:
1. A read or write access to the SPI_STATUS_CR
register while the MODF bit is set.
2. A write to the SPI_CR register.
Note: To avoid any multiple slave conflicts in the
case of a system comprising several MCUs, the
SS
pin must be pulled high during the clearing
sequence of the MODF bit. The SPE and MSTR
bits may be restored to their original state during or
after this clearing sequence.
Hardware does not allow the user to set the SPE
and MSTR bits, while the MODF bit is set (except
in the MODF bit clearing sequence).
In a slave device the MODF bit can’t be set, but in
a multi master configuration the device can be in
slave mode with this MODF bit set.
The MODF bit indicates that there might have been
a multi-master conflict for system control and
allows a proper exit from system operation to a
reset or default system state using an interrupt
routine.
MOSI/MISO
Master SS
Slave SS
(CPHA=0)
Slave SS
(CPHA=1)
Byte 1
Byte 2
Byte 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More