データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52F514GMM6 データシート(PDF) 58 Page - STMicroelectronics

部品番号 ST52F514GMM6
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514GMM6 データシート(HTML) 58 Page - STMicroelectronics

Back Button ST52F514GMM6 Datasheet HTML 54Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 55Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 56Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 57Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 58Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 59Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 60Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 61Page - STMicroelectronics ST52F514GMM6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
ST52F510/F513/F514
58/106
Figure 8.5 Example of valid Mbfs
8.6 Output Singleton
The Decision Processor uses a particular kind of
membership function called Singleton for its output
variables. A Singleton doesn’t have a shape, like a
traditional Mbf, and is characterized by a single
point identified by the couple (X, w), where w is
calculated by the Inference Unit as described
earlier. Often, a Singleton is simply identified with
its Crisp Value X.
Figure 8.6 Output Membership Functions
8.7 Fuzzy Rules
Rules can have the following structures:
if A op B op C...........then Z
if (A op B) op (C op D op E...) ...........then Z
where
op is one of the possible linguistic operators
(AND/OR)
In the first case the rule operators are managed
sequentially; in the second one, the priority of the
operator is fixed by the brackets.
Each rule is codified by using an instruction set, the
inference time for a rule with 4 antecedents and 1
consequent is about 3 microseconds at 20 MHz.
The Assembler Instruction Set used to manage the
Fuzzy operations is reported in the table below.
1
i-th OUTPUT
0
X
ij
X
i0
X
in
ω
i0
ω
ij
ω
in
j-th Singleton
Table 8.1 Fuzzy Instructions Set
Instruction
Description
MBF
n_mbf Ivd v rvd
Stores the Mbf
n_mbf with the shape identified by the parameters Ivd, v and rvd
IS
n m
Fixes the alpha value of the input n with the Mbf m
ISNOT
n m
Calculates the complementary alpha value of the input n with the Mbf m.
FZAND
Implements the Fuzzy operation AND
FZOR
Implements the Fuzzy operation OR
CON
crisp
Multiplies the crisp value with the last
ω weight
OUT
n_out
Performs Defuzzyfication and stores the currently Fuzzy output in the register
n_out
FUZZY
Starts the computation of a sigle fuzzy variable
( )
Modify the priority in the rule evaluation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More