| データシートサーチシステム |
|
ST6252CB6 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252CB6 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 78 page ![]() 34/78 ST62T52C ST62T62C/E62C 3.5 POWER SAVING MODES The WAIT and STOP modes have been imple- mented in the ST62xx family of MCUs in order to reduce the product’s electrical consumption during idle periods. These two power saving modes are described in the following paragraphs. 3.5.1 WAIT Mode The MCU goes into WAIT mode as soon as the WAIT instruction is executed. The microcontroller can be considered as being in a “software frozen” state where the core stops processing the pro- gram instructions, the RAM contents and peripher- al registers are preserved as long as the power supply voltage is higher than the RAM retention voltage. In this mode the peripherals are still ac- tive. WAIT mode can be used when the user wants to reduce the MCU power consumption during idle periods, while not losing track of time or the capa- bility of monitoring external events. The active os- cillator is not stopped in order to provide a clock signal to the peripherals. Timer counting may be enabled as well as the Timer interrupt, before en- tering the WAIT mode: this allows the WAIT mode to be exited when a Timer interrupt occurs. The same applies to other peripherals which use the clock signal. If the WAIT mode is exited due to a Reset (either by activating the external pin or generated by the Watchdog), the MCU enters a normal reset proce- dure. If an interrupt is generated during WAIT mode, the MCU’s behaviour depends on the state of the processor core prior to the WAIT instruction, but also on the kind of interrupt request which is generated. This is described in the following para- graphs. The processor core does not generate a delay following the occurrence of the interrupt, be- cause the oscillator clock is still available and no stabilisation period is necessary. 3.5.2 STOP Mode If the Watchdog is disabled, STOP mode is availa- ble. When in STOP mode, the MCU is placed in the lowest power consumption mode. In this oper- ating mode, the microcontroller can be considered as being “frozen”, no instruction is executed, the oscillator is stopped, the RAM contents and pe- ripheral registers are preserved as long as the power supply voltage is higher than the RAM re- tention voltage, and the ST62xx core waits for the occurrence of an external interrupt request or a Reset to exit the STOP state. If the STOP state is exited due to a Reset (by acti- vating the external pin) the MCU will enter a nor- mal reset procedure. Behaviour in response to in- terrupts depends on the state of the processor core prior to issuing the STOP instruction, and also on the kind of interrupt request that is gener- ated. This case will be described in the following para- graphs. The processor core generates a delay af- ter occurrence of the interrupt request, in order to wait for complete stabilisation of the oscillator, be- fore executing the first instruction. 33 |