| データシートサーチシステム |
|
ST6252CB6 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252CB6 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 78 page ![]() 61/78 ST62T52C ST62T62C/E62C DC ELECTRICAL CHARACTERISTICS (Cont’d) (TA = -40 to +85°C unless otherwise specified)) Note: (*) All Peripherals in stand-by. 6.4 AC ELECTRICAL CHARACTERISTICS (TA = -40 to +125°C unless otherwise specified) Notes: 1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up. 2 An oscillator frequency above 1MHz is recommended for reliable A/D results. 3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance. Symbol Parameter Test Conditions Value Unit Min. Typ. Max. Vup LVD Threshold in power-on Vdn +50 mV 4.1 4.3 V Vdn LVD threshold in powerdown 3.6 3.8 Vup -50 mV V VOL Low Level Output Voltage All Output pins VDD= 5.0V; IOL = +10µA VDD= 5.0V; IOL = + 5mA VDD= 5.0V; IOL = + 10mAv 0.1 0.8 1.2 V Low Level Output Voltage 30 mA Sink I/O pins VDD= 5.0V; IOL = +10µA VDD= 5.0V; IOL = +10mA VDD= 5.0V; IOL = +20mA VDD= 5.0V; IOL = +30mA 0.1 0.8 1.3 2.0 VOH High Level Output Voltage All Output pins VDD= 5.0V; IOH = -10µA VDD= 5.0V; IOH = -5.0mA 4.9 3.5 V IDD Supply Current in STOP Mode, with LVD disabled(*) ILOAD=0mA VDD=5.0V 10 µA Symbol Parameter Test Conditions Value Unit Min. Typ. Max. tREC Supply Recovery Time (1) 100 ms TWEE EEPROM Write Time TA =25°C T A =85°C TA =125°C 5 10 20 10 20 30 ms Endurance (2) EEPROM WRITE/ERASE Cycle QA LOT Acceptance (25°C) 300,000 1 million cycles Retention EEPROM Data Retention T A =55°C 10 years fLFAO Internal frequency with LFAO active 200 400 800 kHz fOSG Internal Frequency with OSG enabled2) VDD =3V VDD = 3.6V VDD = 4.5V VDD =6V 1 1 2 2 fOSC MHz fRC Internal frequency with RC oscilla- tor and OSG disabled2) 3) VDD=5.0V (Except 626xB ROM) R=47k Ω R=100k Ω R=470k Ω 4 2.7 800 5 3.2 850 5.8 3.5 900 MHz MHz kHz VDD=5.0V (626xB ROM) R=10k Ω R=27k Ω R=100k Ω 2.4 1.8 800 3.1 2.2 980 3.8 2.5 1200 MHz MHz kHz CIN Input Capacitance All Inputs Pins 10 pF COUT Output Capacitance All Outputs Pins 10 pF 60 |