| データシートサーチシステム |
|
ST72311R データシート(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72311R データシート(HTML) 159 Page - STMicroelectronics |
|
159 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 159/164 14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE Customer code is made up of the ROM contents and the list of the selected options (if any). The ROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Figure 98. ROM Factory Coded Device Types Figure 99. OTP User Programmable Device Types DEVICE PACKAGE TEMP. RANGE XXX / Code name (defined by STMicroelectronics) = LVD disabled S= LVD enabled 1= standard 0 to +70 °C 6= industrial -40 to +85 °C 7= automotive -40 to +105 °C 3 = automotive -40 to +125 °C T= TQFP ST72311R6, ST72311R7, ST72311R9 ST72511R6, ST72511R7, ST72511R9 ST72512R4 ST72532R4 X DEVICE PACKAGE TEMP. RANGE = LVD disabled S= LVD enabled 1= standard 0 to +70 °C 6= industrial -40 to +85 °C 7= automotive -40 to +105 °C 3 = automotive -40 to +125 °C T= TQFP ST72T311R6, ST72T311R7, ST72T311R9 ST72T511R6, ST72T511R7, ST72T511R9 ST72T512R4, ST72T532R4 X |