| データシートサーチシステム |
|
ST72622L2 データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 132 page ![]() ST7262 78/132 SERIAL COMMUNICATIONS INTERFACE (Cont’d) EXTENDED RECEIVE PRESCALER DIVISION REGISTER (SCIERPR) Read/Write Reset Value: 0000 0000 (00 h) Allows setting of the Extended Prescaler rate divi- sion factor for the receive circuit. Bits 7:0 = ERPR[7:0] 8-bit Extended Receive Prescaler Register. The extended Baud Rate Generator is activated when a value different from 00h is stored in this register. Therefore the clock frequency issued from the 16 divider (see Figure 48) is divided by the binary factor set in the SCIERPR register (in the range 1 to 255). The extended baud rate generator is not used af- ter a reset. EXTENDED TRANSMIT PRESCALER DIVISION REGISTER (SCIETPR) Read/Write Reset Value:0000 0000 (00h) Allows setting of the External Prescaler rate divi- sion factor for the transmit circuit. Bits 7:0 = ETPR[7:0] 8-bit Extended Transmit Prescaler Register. The extended Baud Rate Generator is activated when a value different from 00h is stored in this register. Therefore the clock frequency issued from the 16 divider (see Figure 48) is divided by the binary factor set in the SCIETPR register (in the range 1 to 255). The extended baud rate generator is not used af- ter a reset. Table 21. Baudrate Selection 70 ERPR 7 ERPR 6 ERPR 5 ERPR 4 ERPR 3 ERPR 2 ERPR 1 ERPR 0 70 ETPR 7 ETPR 6 ETPR 5 ETPR 4 ETPR 3 ETPR 2 ETPR 1 ETPR 0 Symbol Parameter Conditions Standard Baud Rate Unit fCPU Accuracy vs. Standard Prescaler fTx fRx Communication frequency 8MHz ~0.16% Conventional Mode TR (or RR)=128, PR=13 TR (or RR)= 32, PR=13 TR (or RR)= 16, PR=13 TR (or RR)= 8, PR=13 TR (or RR)= 4, PR=13 TR (or RR)= 16, PR= 3 TR (or RR)= 2, PR=13 TR (or RR)= 1, PR=13 300 1200 2400 4800 9600 10400 19200 38400 ~300.48 ~1201.92 ~2403.84 ~4807.69 ~9615.38 ~10416.67 ~19230.77 ~38461.54 Hz ~0.79% Extended Mode ETPR (or ERPR) = 35, TR (or RR)= 1, PR=1 14400 ~14285.71 |