| データシートサーチシステム |
|
ST72622L2 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 132 page ![]() ST7262 34/132 I/O PORTS (Cont’d) 9.2.6 Port B Table 10. Port B Description Figure 27. Port B and Port C [7:2] Configuration PORT B I/O Alternate Function Input* Output Signal Condition PB0 floating push-pull (high sink) MCO (Main Clock Output) MCO = 1 (MISCR) PB1 floating push-pull (high sink) RDI SCI enabled PB2 floating push-pull (high sink) TDO TE = 1 (SCICR2) PB3 floating push-pull (high sink) ARTCLK EXCL = 1 (ARTCSR) PB4 floating push-pull (high sink) ARTIC1 ART Timer enabled IT5 Schmitt triggered input IT5E = 1 (ITRFRE1) PB5 floating push-pull (high sink) ARTIC2 ART Timer enabled IT6 Schmitt triggered input IT6E = 1 (ITRFRE1) PB6 floating push-pull (high sink) PWM1 OE0 = 1 (PWMCR) IT7 Schmitt triggered input IT7E = 1 (ITRFRE1) PB7 floating push-pull (high sink) PWM2 OE1 = 1 (PWMCR) IT8 Schmitt triggered input IT8E = 1 (ITRFRE1) *Reset State DR DDR LATCH LATCH DR SEL DDR SEL VDD PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE ALTERNATE INPUT OUTPUT P-BUFFER N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS VDD DIODES PULL-UP* * PULL-UP ON PORT C [7:2] ONLY |