| データシートサーチシステム |
|
ST72631K4B0 データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72631K4B0 データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 109 page ![]() ST7263 100/109 COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d) Figure 44. USB: Data signal Rise and fall time Note1: Measured from 10% to 90% of the data signal. For more detailed informations, please refer to Chapter 7 (Elec- trical) of the USB specification (version 1.1). USB: Low speed electrical characteristics Parameter Symbol Conditions Min Max Unit Driver characteristics: Rise time tr Note 1,CL=50 pF 75 ns Note 1, CL=600 pF 300 ns Fall Time tf Note 1, CL=50 pF 75 ns Note 1, CL=600 pF 300 ns Rise/ Fall Time matching trfm tr/tf 80 120 % Output signal Crossover Voltage VCRS 1.3 2.0 V Differential Data Lines VSS tf tr Crossover points VCRS |