| データシートサーチシステム |
|
ST72631K4B0 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72631K4B0 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 109 page ![]() ST7263 31/109 I/O PORTS (Cont’d) 5.1.7 Register Description DATA REGISTERS (PxDR) Port A Data Register (PADR): 0000h Port B Data Register (PBDR): 0002h Port C Data Register (PCDR): 0004h Read /Write Reset Value Port A: 0000 0000 (00h) Reset Value Port B: 0000 0000 (00h) Reset Value Port C: 1111 x000 (FXh) Note: for Port C, unused bits (7-3) are not acces- sible. Bit 7:0 = D7-D0 Data Register 8 bits. The DR register has a specific behaviour accord- ing to the selected input/output configuration. Writ- ing the DR register is always taken in account even if the pin is configured as an input. Reading the DR register returns either the DR register latch content (pin configured as output) or the digital val- ue applied to the I/O pin (pin configured as input). DATA DIRECTION REGISTER (PxDDR) Port A Data Direction Register (PADDR): 0001h Port B Data Direction Register (PBDDR): 0003h Port C Data Direction Register (PCDDR): 0005h Read/Write Reset Value Port A: 0000 0000 (00h) Reset Value Port B: 0000 0000 (00h) Reset Value Port C: 1111 x000 (FXh) Note: for Port C, unused bits (7-3) are not acces- sible Bit 7:0 = DD7-DD0 Data Direction Register 8 bits. The DDR register gives the input/output direction configuration of the pins. Each bits is set and cleared by software. 0: Input mode 1: Output mode Table 13. I/O Ports Register Map 70 D7 D6 D5 D4 D3 D2 D1 D0 70 DD7 DD6 DD5 DD4 DD3 DD2 DD1 DD0 Address (Hex.) Register Label 76 5 4 32 10 00 PADR MSB LSB 01 PADDR MSB LSB 02 PBDR MSB LSB 03 PBDDR MSB LSB 04 PCDR MSB LSB 05 PCDDR MSB LSB |