データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75285 データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST75285
部品情報  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75285 データシート(HTML) 11 Page - STMicroelectronics

Back Button ST75285 Datasheet HTML 5Page - STMicroelectronics ST75285 Datasheet HTML 6Page - STMicroelectronics ST75285 Datasheet HTML 7Page - STMicroelectronics ST75285 Datasheet HTML 8Page - STMicroelectronics ST75285 Datasheet HTML 9Page - STMicroelectronics ST75285 Datasheet HTML 10Page - STMicroelectronics ST75285 Datasheet HTML 11Page - STMicroelectronics ST75285 Datasheet HTML 12Page - STMicroelectronics ST75285 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ST75285
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.17
0.27
0.0067
0.011
c
0.09
0.20
0.0035
0.0079
D
9.6
9.7
9.8
0.378
0.381
0.385
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
e
0.5
0.0197
K0˚
8˚
0˚
8˚
L
0.50
0.6
0.75
0.020
0.023
0.030
TSSOP38 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0117861/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13