データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75285 データシート(PDF) 12 Page - STMicroelectronics

部品番号 ST75285
部品情報  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75285 データシート(HTML) 12 Page - STMicroelectronics

Back Button ST75285 Datasheet HTML 5Page - STMicroelectronics ST75285 Datasheet HTML 6Page - STMicroelectronics ST75285 Datasheet HTML 7Page - STMicroelectronics ST75285 Datasheet HTML 8Page - STMicroelectronics ST75285 Datasheet HTML 9Page - STMicroelectronics ST75285 Datasheet HTML 10Page - STMicroelectronics ST75285 Datasheet HTML 11Page - STMicroelectronics ST75285 Datasheet HTML 12Page - STMicroelectronics ST75285 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ST75285
12/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
10.1
10.3
0.398
0.406
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP38 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13