| データシートサーチシステム |
|
ST75C520 データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C520 データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 45 page ![]() Figure 9 : Buffer Operations Synchronization Y N N Y NY Tx MAIN PROGRAM INTERRUPT ROUTINE CSE ERRTX (only if ERR) BEGIN INTERRUPT NEED TO TRANSMIT 106 ON FILL BUFFER #0 UPDATE STATUS BUFFER #0 FILL BUFFER #IBUFF UPDATE STATUS BUFFER #IBUFF CLEAR IT2 TOGGLE IBUFF IBUFF = 1 XMIT ON ENABLE IT2 RETURN 106 OFF or ERROR TX DISABLE IT2 XMIT OFF N Y YN Rx MAIN PROGRAM INTERRUPT ROUTINE CSE ERRRX (only if ERR) 109 ON WRITE $00 IN DATA STATUS BUFFER #0 AND #1 ENABLE IT3 109 ON DISABLE IT3 READ BUFFER #IBUFF WRITE $00 IN DATA STATUS BUFFER #IBUFF CLEAR IT3 TOGGLE IBUFF RETURN INTERRUPT BEGIN IBUFF = 0 ST75C520 41/45 |