| データシートサーチシステム |
|
STA014B データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA014B データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 45 page ![]() SDI SCKR IGNORED VALID IGNORED t_biten t_biten tsdi_hold tsdi_setup D98AU971A tsckr_min_high BIT_EN SCLK_POL=0 tsckr_min_low tsckr_min_period 5.4.2. Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 0 tsdi_setup_min = 2ns tsdi_hold_min = 3ns tsckr_min_hi = 10ns tsckr_min_low = 10ns tsckr_min_lperiod = 50ns t_biten (min) = 2ns SRC_INT D98AU972 t_src_hi t_src_low 5.4.3. SRC_INT This is an asynchronous input used in "broadcast’ mode. SRC_INT is active low t_src_low min duration is 50ns (1DSP clock period) t_src_high min duration is 50ns (1DSP clock period) XTI (INPUT) XTO CLK_OUT txto tclk_out D98AU973 thi tlo 5.4.4. XTI,XTO and CLK_OUT timings txto = 1.40 + pad_timing (Cload_XTO) ns tclk_out = 4 + pad_timing (Cload_CLK_OUT) ns Note: In "multimedia" mode, the CLK_OUT pad is DATA_REQ. In that case, no timing is given between the XTI input and this pad. SDI SCKR IGNORED IGNORED VALID IGNORED t_biten t_biten tsdi_hold tsdi_setup D99AU1038 tsckr_min_high BIT_EN SCLK_POL=4 tsckr_min_low tsckr_min_period 5.4.2. Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 1 STA014-STA014B-STA014T 37/45 |