データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C51ID2-RDTIM データシート(PDF) 81 Page - ATMEL Corporation

部品番号 AT89C51ID2-RDTIM
部品情報  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM データシート(HTML) 81 Page - ATMEL Corporation

Back Button AT89C51ID2-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 84Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
81
AT89C51ID2
4289A–8051–09/03
2-wire Interface (TWI) This section describes the 2-wire interface. The 2-wire bus is a bi-directional 2-wire
serial communication standard. It is designed primarily for simple but efficient integrated
circuit (IC) control. The system is comprised of two lines, SCL (Serial Clock) and SDA
(Serial Data) that carry information between the ICs connected to them. The serial data
transfer is limited to 400 Kbit/s in standard mode. Various communication configuration
can be designed using this bus. Figure 30 shows a typical 2-wire bus configuration. All
the devices connected to the bus can be master and slave.
Figure 30. 2-wire Bus Configuration
SCL
SDA
device2
device1
deviceN
device3
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More