データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C51ID2-RDTIM データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT89C51ID2-RDTIM
部品情報  8-bit Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-RDTIM データシート(HTML) 2 Page - ATMEL Corporation

  AT89C51ID2-RDTIM Datasheet HTML 1Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 2Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 3Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51ID2-RDTIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 159 page
background image
2
AT89C51ID2
4289A–8051–09/03
The 64 Kbytes Flash memory can be programmed either in parallel mode or in serial
mode with the ISP capability or with software. The programming voltage is internally
generated from the standard V
CC pin.
The AT89C51ID2 retains all features of the Atmel 80C52 with 256 bytes of internal
RAM, a 10-source 4-level interrupt controller and three timer/counters.
In addition, the AT89C51ID2 has a Programmable Counter Array, an XRAM of 1792
bytes, a Hardware Watchdog Timer, SPI and Keyboard, a more versatile serial channel
that facilitates multiprocessor communication (EUART) and a speed improvement
mechanism (X2 mode).
The fully static design of the AT89C51ID2 allows to reduce system power consumption
by bringing the clock frequency down to any value, even DC, without loss of data.
The AT89C51ID2 has 2 software-selectable modes of reduced activity and 8-bit clock
prescaler for further reduction in power consumption. In the Idle mode the CPU is frozen
while the peripherals and the interrupt system are still operating. In the power-down
mode the RAM is saved and all other functions are inoperative.
The added features of the AT89C51ID2 make it more powerful for applications that need
pulse width modulation, high speed I/O and counting capabilities such as alarms, motor
control, corded phones, smart card readers.
Table 1. Memory Size and I/O pins
AT89C51ID2
Flash (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
PLCC44/VQFP44
64K
1792
2048
34
PLCC68/VQFP64 (1)
1.
For PLCC68 and VQFP64 packages, please contact Atmel sales office for availability.
64K
1792
2048
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More