データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE10 データシート(PDF) 63 Page - STMicroelectronics

部品番号 STE10
部品情報  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 データシート(HTML) 63 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 58Page - STMicroelectronics STE10 Datasheet HTML 59Page - STMicroelectronics STE10 Datasheet HTML 60Page - STMicroelectronics STE10 Datasheet HTML 61Page - STMicroelectronics STE10 Datasheet HTML 62Page - STMicroelectronics STE10 Datasheet HTML 63Page - STMicroelectronics STE10 Datasheet HTML 64Page - STMicroelectronics STE10 Datasheet HTML 65Page - STMicroelectronics STE10 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
63/66
STE10/100
Figure 19. Flash read timings
Table 23. EEPROM Interface Timings
Figure 20. Serial EEPROM timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Tscf
Serial Clock Frequency
Tecss
Delay from CS High to SK High
Tecsh
Delay from SK Low to CS Low
Tedts
Setup Time of DI to SK
Tedth
Hold Time of DI after SK
Tecsl
CS Low Time
ADDRESS
CS#
OE#
DATA
Tfce
Tfoe
Tfasd
Tfdf
Tfcyc
CS
CLK
DI
Tecss
Tecsh
Tecsl
Tedts
Tedth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66