データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE10 データシート(PDF) 48 Page - STMicroelectronics

部品番号 STE10
部品情報  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 データシート(HTML) 48 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 44Page - STMicroelectronics STE10 Datasheet HTML 45Page - STMicroelectronics STE10 Datasheet HTML 46Page - STMicroelectronics STE10 Datasheet HTML 47Page - STMicroelectronics STE10 Datasheet HTML 48Page - STMicroelectronics STE10 Datasheet HTML 49Page - STMicroelectronics STE10 Datasheet HTML 50Page - STMicroelectronics STE10 Datasheet HTML 51Page - STMicroelectronics STE10 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
STE10/100
48/66
6.4 Receive scheme and Receive early interrupt scheme
The following figure shows the difference of timing without early interrupt and with early interrupt.
Figure 12. Receive data flow (without early interrupt and with early interrupt)
Figure 13. Detailed Receive Early interrupt flow
: with early interrupt
: without early interrupt
incoming packet
receive FIFO operation
FIFO-to-host memory operation
interrupt
driver read header
higher layer process
driver read the rest data
time
receive early interrupt
driver read header(early)
higher layer process(early)
driver read the rest data
finish time
finish time
FIFO-to-host memory
i
time
receive early
driver read
higher layer
driver read the rest
finish
i
1
st
descriptor
full
2
nd descriptor
The size of 1
st
descriptor is
programmed as the
header size in
advance
issue 2
nd
interrupt at end
of packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66