| データシートサーチシステム |
|
L6393D データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6393D データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 20 page ![]() Electrical data L6393 6/20 4 Electrical data 4.1 Absolute maximum ratings Note: ESD immunity for pins 12, 13 and 14 is guaranteed up to V (Human Body Model) 4.2 Thermal data Table 4. Absolute maximum rating Symbol Parameter Value Unit Vout Output voltage Vboot - 21 to Vboot + 0.3 V Vcc Supply voltage - 0.3 to + 21 V Vcp- Comparator negative input voltage -0.3 to VCC + 0.3 V Vcp+ Comparator positive input voltage -0.3 to VCC + 0.3 V Vboot Floating supply voltage VCC - 0.3 to 620 V Vhvg High side gate output voltage output voltage Vout - 0.3 to Vboot + 0.3 V VIvg High side gate output voltage output voltage -0.3 to Vcc +0.3 V Vi Logic input voltage -0.3 to 15 V Vcpout Open drain voltage -0.3 to 15 V dVout/dt Allowed output slew rate 50 V/ns Ptot Total power dissipation (TA = 85 °C) TBD mW TJ Junction temperature 150 °C Tstg Storage temperature -50 to 150 °C Table 5. Thermal data Symbol Parameter SO-14 DIP-14 Unit Rth(JA) Thermal resistance junction to ambient max. 165 100 °C/W |