データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6393D データシート(PDF) 10 Page - STMicroelectronics

部品番号 L6393D
部品情報  Half-bridge gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D データシート(HTML) 10 Page - STMicroelectronics

Back Button L6393D Datasheet HTML 6Page - STMicroelectronics L6393D Datasheet HTML 7Page - STMicroelectronics L6393D Datasheet HTML 8Page - STMicroelectronics L6393D Datasheet HTML 9Page - STMicroelectronics L6393D Datasheet HTML 10Page - STMicroelectronics L6393D Datasheet HTML 11Page - STMicroelectronics L6393D Datasheet HTML 12Page - STMicroelectronics L6393D Datasheet HTML 13Page - STMicroelectronics L6393D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
L6393
10/20
5.2
DC operation
Table 8.
DC opereation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Low supply voltage section
Vcc_hys
4
Vcc UV hysteresis
600
1500
mV
Vcc_thON
Vcc UV Turn ON threshold
9.5
V
Vcc_thOFF
Vcc UV Turn OFF threshold
8.0
V
Iqccu
Undervoltage quiescent
supply current
VCC = 8 V
SD = 5 V; PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
110
150
µA
Iqcc
Quiescent current
VCC = 15 V
SD = 5 V; PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
600
1000
µA
Bootstrapped supply voltage section
VBS_hys
14
VBS UV hysteresis
600
1000
mV
VBS_thON
VBS UV turn ON Threshold
9.1
V
VBS_thOFF
VBS UV turn OFF
Threshold
8.1
V
IQBSU
Undervoltage Vboot
quiescent current
VBS = 7 V
SD = 5 V; PHASE and
BRAKE = 5 V;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
60
110
µA
IQBS
Vboot quiescent current
VBS = 15 V
SD = 5 V; PHASE and
BRAKE = 5 V;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
140
210
µA
ILK
High voltage leakage
current
Vhvg = Vout = Vboot = 600 V
10
µA
Rdson
Bootstrap driver on
resistance (1)
LVG ON
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20