データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST85WMH6TR データシート(PDF) 9 Page - STMicroelectronics

部品番号 M41ST85WMH6TR
部品情報  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6TR データシート(HTML) 9 Page - STMicroelectronics

Back Button M41ST85WMH6TR Datasheet HTML 5Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 6Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 7Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 8Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 9Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 10Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 11Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 12Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
M41ST85W
Description
9/41
Figure 3.
28-pin, 300mil SOIC (MX) connections
Note:
No Function (NF) pins should be tied to VSS. Pins 1, 2, 3, and 4 are internally
shorted together.
AI06370d
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
NC
NF
NC
NC
SQW
WDI
NF
NC
IRQ/FT/OUT
NC
VOUT
NC
EX
PFI
SCL
NC
PFO
ECON
VSS
VBAT
NC
SDA
RST
NF
NF
VCC
M41ST85W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41