| データシートサーチシステム |
|
M41ST85WMH6TR データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST85WMH6TR データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 41 page ![]() Revision history M41ST85W 40/41 8 Revision history Table 20. Document revision history Date Revision Changes Aug-2000 1.0 First issue 24-Aug-2000 1.1 Block Diagram added (Figure 4) 12-Oct-2000 1.2 trec Table removed, cross references corrected 18-Dec-2000 2.0 Reformatted, TOC added, and PFI Input Leakage Current added (Table 11) 18-Jun-2001 2.1 Addition of trec information, table changed, one added (Table 2, 6); changed PFI/PFO graphic (see Figure 4); change to DC and AC Characteristics, Order Information (Table 11, 12, 18); note added to “Setting Alarm Clock Registers” section; added temp./voltage info. to tables (Table 10, 11, 6, 12, 13); addition of Default Values (Table 7) 22-Jun-2001 2.2 Note added to Clock Operation section 26-Jul-2001 3.0 Change in Product Maturity 07-Aug-2001 3.1 Improve text in “Setting the Alarm Clock” section 20-Aug-2001 3.2 Change VPFD values in document 06-Sep-2001 3.3 DC Characteristics VBAT changed; VOHB changed; PFI Hysteresis (PFI Rising) spec. added; and Crystal Electrical Characteristics table removed (Table 11, 6) 03-Dec-2001 3.4 Changed READ/WRITE Mode Sequences (Figure 10, 12); change in VPFD lower limit for 5V (M41ST85Y) part only (Table 11, 18) 01-May-2002 3.5 Change trec Definition (Table 6); modify reflow time and temperature footnote (Table 8) 03-Jul-2002 3.6 Modify DC Characteristics table footnote, Default Values (Table 11, 7) 15-Nov-2002 3.7 Added embedded crystal (MX) package option; corrected initial power-up condition (cover page, Figure 1, 3, 4, 5, 24, Table 1, 7, 18, 17) 24-Jan-2003 3.8 Update diagrams (Figure 4, 5, 24); update values (Table 13, 5, 6, 7, 17) 25-Feb20-03 4.0 New Si changes (Table 13, 5, 6); corrected dimensions (Figure 24; Table 17) 20-May-2004 5.0 Reformatted; correct dimensions; update Lead-free information (Figure 20, 13, 16; Table 8, 16, 18) 15-Jun-2004 6.0 Update characteristics; add package shipping (Figure 3; Table 1, 11, 18) 13-Sep-2004 7.0 Update Maximum ratings (Table 8) 10-Jan-2006 8.0 Updated template, Lead-free text, removed 5V references (Figure 1, 2, 3, 4, 5; Table 5, 8, 9, 11, 12, 13, 18, 19) 03-Oct-2007 9.0 Reformatted document, some text changes; added lead-free second level interconnect information to cover page and Section 6: Package mechanical data; updated Table 8. |