| データシートサーチシステム |
|
STKM2000 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STKM2000 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() Figure 2: The STKM2000 Series, a complete system solution ANALOG LIBRARY NPN transistor P input CMOS Op-Amp Lateral PNP Crystal oscillator Substrate PNP RC oscillator Isolated PNP Transconductance NPN input comparator Power-on reset PNP input comparator (with adjustable threshold and hysteresis) N input comparator Analog multiplexer P input comparator Voltage to current converter N-MOS transistor Voltage reference P-MOS transistor 8 bits, A/D and D/A converters NPN high-speed amplifier 12 bits A/D and D/A converters N input CMOS Op-Amp DIGITAL LIBRARY AND, NAND, OR, NOR, inverter Shift register Exclusive OR, NOR Binary counter D latch Decimal counter Input buffer (TTL/CMOS) Magnitude comparator Output buffer (TTL/CMOS) ® STKM2000 SERIES 3/10 |