| データシートサーチシステム |
|
STKM2000 データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STKM2000 データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() Ctm ST + Ctm ST + Ctm Ctm Ctm ST + Ctm ST Interface 2 Interface 3 Interface 4 Responsibility level Breadboard schematics Simulated schematics Layout tape Circuit definition Schematics Simulations Layout Final control Prototyping phase ST ST ST ST Figure 4: SGS-THOMSON - CUSTOMER interfaces Customer design interface SGS-THOMSON Micorelectronics has developed several interfaces for customers giving them easy and flexible design approaches for STKM2000. Users can access Analog Design System (A.D.S.): q via SGS-THOMSON design centers q via SGS-THOMSON associated design centers q via CAE workstations CA E wor s t at ion c apabilit ies ar e und er development on: q Dazix System q Mentor Graphics q Sun In that case,direct interfaces will be offered in order to make design implementation with A.D.S. (layout and test generations). According to these design possibilities, SGS- THOMSON defines 3 main interfaces. Figure 4 outlines these interfaces. Each interface details the responsibilities of customer and SGS-THOMSON during circuit development flow. ® STKM2000 SERIES 6/10 |