データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN751S データシート(PDF) 12 Page - STMicroelectronics

部品番号 VN751S
部品情報  High side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751S データシート(HTML) 12 Page - STMicroelectronics

Back Button VN751S Datasheet HTML 8Page - STMicroelectronics VN751S Datasheet HTML 9Page - STMicroelectronics VN751S Datasheet HTML 10Page - STMicroelectronics VN751S Datasheet HTML 11Page - STMicroelectronics VN751S Datasheet HTML 12Page - STMicroelectronics VN751S Datasheet HTML 13Page - STMicroelectronics VN751S Datasheet HTML 14Page - STMicroelectronics VN751S Datasheet HTML 15Page - STMicroelectronics VN751S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
VN751S
12/17
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a lead-free second level interconnect . The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17