データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN751S データシート(PDF) 13 Page - STMicroelectronics

部品番号 VN751S
部品情報  High side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751S データシート(HTML) 13 Page - STMicroelectronics

Back Button VN751S Datasheet HTML 9Page - STMicroelectronics VN751S Datasheet HTML 10Page - STMicroelectronics VN751S Datasheet HTML 11Page - STMicroelectronics VN751S Datasheet HTML 12Page - STMicroelectronics VN751S Datasheet HTML 13Page - STMicroelectronics VN751S Datasheet HTML 14Page - STMicroelectronics VN751S Datasheet HTML 15Page - STMicroelectronics VN751S Datasheet HTML 16Page - STMicroelectronics VN751S Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VN751S
Package mechanical data
13/17
Figure 10. Package dimensions
Table 9.
SO-8 mechanical data
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 ( typ. )
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8º (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17