データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STFPC320 データシート(PDF) 37 Page - STMicroelectronics

部品番号 STFPC320
部品情報  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 データシート(HTML) 37 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
STFPC320
Commands
37/78
On power application, the normal display mode and address increment mode is set with the
default display memory address set to 10H.
In the auto increment address mode, the address command is sent only once followed by
the data bytes.
Note:
This command is seldom used. For writing to memory (normal or RTC), the address setting
command is sufficient.
10
Reserved
11
Read RTC Registers
(see Section 11.1: RTC display data read on page 46)
Table 11.
Data read 2 command. b5 b4: 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78