データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16CP596M データシート(PDF) 18 Page - STMicroelectronics

部品番号 STP16CP596M
部品情報  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596M データシート(HTML) 18 Page - STMicroelectronics

Back Button STP16CP596M Datasheet HTML 14Page - STMicroelectronics STP16CP596M Datasheet HTML 15Page - STMicroelectronics STP16CP596M Datasheet HTML 16Page - STMicroelectronics STP16CP596M Datasheet HTML 17Page - STMicroelectronics STP16CP596M Datasheet HTML 18Page - STMicroelectronics STP16CP596M Datasheet HTML 19Page - STMicroelectronics STP16CP596M Datasheet HTML 20Page - STMicroelectronics STP16CP596M Datasheet HTML 21Page - STMicroelectronics STP16CP596M Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
9 Package mechanical data
STP16CP596
18/26
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26