データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LX1G07 データシート(PDF) 13 Page - STMicroelectronics

部品番号 74LX1G07
部品情報  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07 データシート(HTML) 13 Page - STMicroelectronics

Back Button 74LX1G07 Datasheet HTML 9Page - STMicroelectronics 74LX1G07 Datasheet HTML 10Page - STMicroelectronics 74LX1G07 Datasheet HTML 11Page - STMicroelectronics 74LX1G07 Datasheet HTML 12Page - STMicroelectronics 74LX1G07 Datasheet HTML 13Page - STMicroelectronics 74LX1G07 Datasheet HTML 14Page - STMicroelectronics 74LX1G07 Datasheet HTML 15Page - STMicroelectronics 74LX1G07 Datasheet HTML 16Page - STMicroelectronics 74LX1G07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
74LX1G07
Package mechanical data
13/20
Table 12.
Flip-chip 4 mechanical data
Symbol
millimeters
Min
Typ
Max
A
0.535
0.58
0.625
A1
0.18
0.205
0.23
A2
0.355
0.375
0.395
b
0.215
0.255
0.295
D
0.84
0.87
0.9
D1
0.5
E
0.84
0.87
0.9
E1
0.5
SD
0.25
SE
0.25
f
0.175
0.185
0.195
ccc
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20