データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE1208S データシート(PDF) 14 Page - STMicroelectronics

部品番号 STMPE1208S
部品情報  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S データシート(HTML) 14 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 10Page - STMicroelectronics STMPE1208S Datasheet HTML 11Page - STMicroelectronics STMPE1208S Datasheet HTML 12Page - STMicroelectronics STMPE1208S Datasheet HTML 13Page - STMicroelectronics STMPE1208S Datasheet HTML 14Page - STMicroelectronics STMPE1208S Datasheet HTML 15Page - STMicroelectronics STMPE1208S Datasheet HTML 16Page - STMicroelectronics STMPE1208S Datasheet HTML 17Page - STMicroelectronics STMPE1208S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Capacitive sensors
STMPE1208S
14/51
5
Capacitive sensors
The STMPE1208S capacitive sensor is based on fully digital, impedance change detection
engine that is capable of detecting very small change in capacitance.
Figure 8.
Capacitive sensors
5.1
Capacitive sensing
The STMPE1208S senses a human touch by the additional capacitance introduced to the
pad (with respect to ground). This capacitance causes a delay in a clock signal on the
sensing pad, and the delay in the sensing pad is compared with a reference clock and the
difference is a direct representation of the additional capacitance introduced by the
proximity/touch of finger.
Figure 9.
Capacitive sensing
Automatic calibration
Unit
Calibration control
parameters
Data filtering
Data filtering control
Parameters
7-bit impedance value
of each channel
Touchkey
Impedance sensor
Calibrated
impedance
Touched
keys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51