| データシートサーチシステム |
|
STMPE1208S データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1208S データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 51 page ![]() Register map and function description STMPE1208S 28/51 CTRL_2 Control register 2 Address: 0x25 Type: R/W Reset: 0x00 Description: Control register. 7654 3 2 1 0 RESERVED REGD SCD BEEP_ON INT_POL [7:4] RESERVED [3] REGD: '0' to enable internal regulator (default) '1' to disable [2] SCD: Sensor clock disable. Write '1' to disable sensor clock. [1] BEEP_EN: '1' to enable beep output [0] INT_POL: Interrupt polarity '0' for rising edge '1' for falling edge |