| データシートサーチシステム |
|
STTS424E02CDA6F データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02CDA6F データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 51 page ![]() STTS424E02 Temperature sensor registers 21/51 Figure 8. Hysteresis 1. TU = Value stored in the alarm temperature upper boundary trip register. 2. TL = Value stored in the alarm temperature lower boundary trip register. 3. HYS = Absolute value of selected hysteresis Table 10. Hysteresis as applied to temperature movement Below alarm window bit Above alarm window bit Temperature slope Temperature threshold Temperature slope Temperature threshold Sets Falling TL - HYS Rising TH Clears Rising TL Falling TH - HYS Below Window bit Above Window bit TH - HYS TL - HYS TH TL AI12270 |