| データシートサーチシステム |
|
STTS424E02CDA6F データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02CDA6F データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 51 page ![]() STTS424E02 Temperature sensor registers 23/51 Figure 9. Event output boundary timings Table 11. Legend for Figure 9: Event output boundary timings. Note Event output boundary conditions Event output TA bits Comparator Interrupt Critical 15 14 13 1TA ≥ TLOWER H L H 000 2TA < TLOWER - THYS L L H 001 3TA > TUPPER L L H 010 4TA < TUPPER - THYS H L H 000 5TA ≥ TCRIT L L L 110 6TA < TCRIT - THYS L H H 010 7 When TA ≥ TCRIT and TA < TCRIT - THYS, the event output is in comparator mode and bit 0 of the configuration register (interrupt mode) is ignored. Comparator TCRIT TUPPER TLOWER TA TLOWER - THYS Interrupt S/W Int. Clear Critical TUPPER - THYS TCRIT - THYS TUPPER - THYS TLOWER - THYS 12 1 3 3 5 7 46 4 2 AI12271 |