| データシートサーチシステム |
|
STM1404CSODQ6F データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSODQ6F データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 35 page ![]() STM1404 Operation 15/36 The power-fail input (PFI) is compared to an internal reference voltage (independent from the VRST comparator). If PFI is less than the power-fail threshold (VPFI), the power-fail output (PFO) will go low. This function is intended for use as an undervoltage detector to signal a failing power supply. Typically PFI is connected through an external voltage divider (see Figure 4 on page 9) to either the unregulated DC input (if it is available) or the regulated output of the VCC regulator. The voltage divider can be set up such that the voltage at PFI falls below VPFI several milliseconds before the regulated VCC input to the STM1404 or the microprocessor drops below the minimum operating voltage. During battery backup, the power-fail comparator is turned off and PFO goes (or remains) low (see Figure 9 on page 16). This occurs after VCC drops below VSW (~2.4 V). When power returns, the power-fail comparator is enabled and PFO follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left unconnected. PFO may be connected to MR so that a low voltage on PFI will generate a reset output. 3.4 Applications information These supervisor circuits are not short-circuit protected. Shorting VOUT to ground - excluding power-up transients such as charging a decoupling capacitor - destroys the device. Decouple both VCC and VBAT pins to ground by placing 0.1 µF capacitors as close to the device as possible. Table 3. I/O status in battery backup Pin Status VOUT Connected to VBAT through internal switch VCC Disconnected from VOUT PFI Disabled PFO Logic low MR Disabled RST Logic low VBAT Connected to VOUT Vccsw Logic high VREF Pulled to VSS below 2.4 V (VSW) BLD Logic high VTPU Connected to VBAT through an internal switch |