| データシートサーチシステム |
|
STM1404CSODQ6F データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSODQ6F データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 35 page ![]() DC and AC parameters STM1404 24/36 7 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the measurement conditions summarized in Table 5: Operating and AC measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 24. AC testing input/output waveforms Figure 25. MR timing waveform Table 5. Operating and AC measurement conditions Parameter STM1404 Unit VCC/VBAT supply voltage 2.2 to 3.6 V Ambient operating temperature (TA)–40 to 85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8VCC V Input and output timing ref. voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI09694 RST MR tMLRL trec tMLMH |