データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF02-MIC03M6 データシート(PDF) 4 Page - STMicroelectronics

部品番号 EMIF02-MIC03M6
部品情報  2-line IPAD, EMI filter and ESD protection for microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03M6 データシート(HTML) 4 Page - STMicroelectronics

  EMIF02-MIC03M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Package information
EMIF02-MIC03M6
4/10
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Table 3.
Micro QFN 1.45 x 1.00 6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.020 0.022 0.024
A1
0.00
0.02
0.05
0.000 0.001 0.002
b
0.18
0.25
0.30
0.007 0.010 0.012
D
1.45
0.057
E
1.00
0.039
e
0.50
0.020
K
0.20
0.008
L
0.30
0.35
0.40
0.012 0.014 0.016
Figure 8.
Footprint in mm [inches]
Figure 9.
Marking
E
D
A
A1
e
b
k
L
N
1
1
2
2
0.50
[0.020]
0.25
[0.010]
0.60
[0.023]
0.30
[0.012]
1.60
[0.063]
Dot : Pi n 1 Identification
L



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com