データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF02-MIC03M6 データシート(PDF) 5 Page - STMicroelectronics

部品番号 EMIF02-MIC03M6
部品情報  2-line IPAD, EMI filter and ESD protection for microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03M6 データシート(HTML) 5 Page - STMicroelectronics

  EMIF02-MIC03M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EMIF02-MIC03M6
Package information
5/10
Figure 10.
Tape and reel specification
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
4.00+/-0.1
4.00
φ 1.5 +/- 0.1
User direction of unreeling
0.75
2.0+/-0.05
4.00+/-0.1
4.00
φ 1.5 +/- 0.1
User direction of unreeling
All dimensions in mm
0.75
1.20
2.0+/-0.05
Dot identifying pin 1 location
LL
L



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com