データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF08-VID01C2 データシート(PDF) 5 Page - STMicroelectronics

部品番号 EMIF08-VID01C2
部品情報  8 line low capacitance EMI filter and ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-VID01C2 データシート(HTML) 5 Page - STMicroelectronics

  EMIF08-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF08-VID01C2
Ordering information
5/6
Figure 10.
Flip-Chip tape and reel specification
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
4
Ordering information
5
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.78 max
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF08-VID01C2
GS
Flip-Chip
7.4mg
4000
7” Tape and reel
Date
Revision
Changes
13-Jul-2005
1
Initial release.
11-Aug-2005
2
Fonts changed in Figures 7, 8, and 9.
31-May-2006
3
Reformatted to current standards. Depth dimension changed in
Figure 10.
26-Oct-2006
4
Base quantity changed to 4000 in Ordering information



Html Pages

1 2 3 4 5 6