データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP17NK40ZFP データシート(PDF) 8 Page - STMicroelectronics

部品番号 STP17NK40ZFP
部品情報  N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP17NK40ZFP データシート(HTML) 8 Page - STMicroelectronics

Back Button STP17NK40ZFP Datasheet HTML 2Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 3Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 4Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 5Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 9Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STP17NK40Z - STP17NK40ZFP
8/10
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10