データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP17NK40ZFP データシート(PDF) 5 Page - STMicroelectronics

部品番号 STP17NK40ZFP
部品情報  N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP17NK40ZFP データシート(HTML) 5 Page - STMicroelectronics

  STP17NK40ZFP Datasheet HTML 1Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 2Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 3Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 4Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 5Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP17NK40ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STP17NK40Z - STP17NK40ZFP
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Gate Charge vs Gate-source Voltage
Capacitance Variations
Static Drain-source On Resistance
Transconductance



Html Pages

1 2 3 4 5 6 7 8 9 10