| データシートサーチシステム |
|
L6732 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6732 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 37 page ![]() L6732 demonstration board L6732 32/37 Reference Value Manufacturer Package Supplier C12-13 3X 10 µF/ / ST (TDK) C15 N.C. / / / C16-19 2X 330 µF/ / ST (poscap) L1 2,7 µH DO3316P-272HC Coilcraft SMD ST D1 STPS1L30M ST DO216AA ST D3 STPS1L30M ST DO216AA ST Q1 STS8DNH3LL (Dual MOSFET) ST SO8 ST U1 L6732 ST HTSSOP16 ST Figure 26. Demonstration board efficiency Table 10. Demonstration board part list (continued) |