データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6732 データシート(PDF) 34 Page - STMicroelectronics

部品番号 L6732
部品情報  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 データシート(HTML) 34 Page - STMicroelectronics

Back Button L6732_08 Datasheet HTML 29Page - STMicroelectronics L6732_08 Datasheet HTML 30Page - STMicroelectronics L6732_08 Datasheet HTML 31Page - STMicroelectronics L6732_08 Datasheet HTML 32Page - STMicroelectronics L6732_08 Datasheet HTML 33Page - STMicroelectronics L6732_08 Datasheet HTML 34Page - STMicroelectronics L6732_08 Datasheet HTML 35Page - STMicroelectronics L6732_08 Datasheet HTML 36Page - STMicroelectronics L6732_08 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Package mechanical data
L6732
34/37
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37