データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA308A データシート(PDF) 33 Page - STMicroelectronics

部品番号 STA308A
部品情報  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A データシート(HTML) 33 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 29Page - STMicroelectronics STA308A Datasheet HTML 30Page - STMicroelectronics STA308A Datasheet HTML 31Page - STMicroelectronics STA308A Datasheet HTML 32Page - STMicroelectronics STA308A Datasheet HTML 33Page - STMicroelectronics STA308A Datasheet HTML 34Page - STMicroelectronics STA308A Datasheet HTML 35Page - STMicroelectronics STA308A Datasheet HTML 36Page - STMicroelectronics STA308A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
STA308A
Registers
33/63
7.2.16
Channel 5 volume (0x0F)
7.2.17
Channel 6 volume (0x10)
7.2.18
Channel 7 volume (0x11)
7.2.19
Channel 8 volume (0x12)
7.2.20
Channel 1 volume trim, mute, bypass (0x13)
7.2.21
Channel 2 volume trim, mute, bypass (0x14)
7.2.22
Channel 3 volume trim, mute, bypass (0x15)
D7
D6
D5
D4
D3
D2
D1
D0
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
01
10
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
01
10
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C7V7
C7V6
C7V5
C7V4
C7V3
C7V2
C7V1
C7V0
01
10
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C8V7
C8V6
C8V5
C8V4
C8V3
C8V2
C8V1
C8V0
01
10
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C1M
C1VBP
C1VT4
C1VT3
C1VT2
C1VT1
C1VT0
00
01
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C2M
C2VBP
C2VT4
C2VT3
C2VT2
C2VT1
C2VT0
00
01
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C3M
C3VBP
C3VT4
C3VT3
C3VT2
C3VT1
C3VT0
00
01
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63