データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA308A データシート(PDF) 41 Page - STMicroelectronics

部品番号 STA308A
部品情報  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A データシート(HTML) 41 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 37Page - STMicroelectronics STA308A Datasheet HTML 38Page - STMicroelectronics STA308A Datasheet HTML 39Page - STMicroelectronics STA308A Datasheet HTML 40Page - STMicroelectronics STA308A Datasheet HTML 41Page - STMicroelectronics STA308A Datasheet HTML 42Page - STMicroelectronics STA308A Datasheet HTML 43Page - STMicroelectronics STA308A Datasheet HTML 44Page - STMicroelectronics STA308A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
STA308A
Registers
41/63
7.2.36
AGEQ - graphic EQ 80-Hz band (0x23)
7.2.37
BGEQ - graphic EQ 300-Hz band (0x24)
7.2.38
CGEQ - graphic EQ 1-kHz band (0x25)
7.2.39
DGEQ - graphic EQ 3-kHz band (0x26)
10100
Loudness 5
10101
Loudness 6
10110
Loudness 7
10111
Loudness 8
11000
Loudness 9
11001
Loudness 10
11010
Loudness 11
11011
Loudness 12
11100
Loudness 13
11101
Loudness 14
11110
Loudness 15
11111
Loudness 16
D7
D6
D5
D4
D3
D2
D1
D0
AGEQ4
AGEQ3
AGEQ2
AGEQ1
AGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
BGEQ4
BGEQ3
BGEQ2
BGEQ1
BGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
CGEQ4
CGEQ3
CGEQ2
CGEQ1
CGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
DGEQ4
DGEQ3
DGEQ2
DGEQ1
DGEQ0
01
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63