データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA323W データシート(PDF) 70 Page - STMicroelectronics

部品番号 STA323W
部品情報  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W データシート(HTML) 70 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 66Page - STMicroelectronics STA323W Datasheet HTML 67Page - STMicroelectronics STA323W Datasheet HTML 68Page - STMicroelectronics STA323W Datasheet HTML 69Page - STMicroelectronics STA323W Datasheet HTML 70Page - STMicroelectronics STA323W Datasheet HTML 71Page - STMicroelectronics STA323W Datasheet HTML 72Page - STMicroelectronics STA323W Datasheet HTML 73Page - STMicroelectronics STA323W Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
User-programmable settings
STA323W
70/77
8.8
Variable max power correction (address 0x27-0x28)
The MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This
coefficient is used in place of the default coefficient when MPCV = 1.
40
0x28
High-pass 2nd-order
filter
For XO = 000
C12H0 (b1/2)
0x000000
41
0x29
C12H1 (b2)
0x000000
42
0x2A
C12H2 (a1/2)
0x000000
43
0x2B
C12H3 (a2)
0x000000
44
0x2C
C12H4 (b0/2)
0x400000
45
0x2D
Low-Pass 2nd-order filter
For XO = 000
C12L0 (b1/2)
0x000000
46
0x2E
C12L1 (b2)
0x000000
47
0x2F
C12L2 (a1/2)
0x000000
48
0x30
C12L3 (a2)
0x000000
49
0x31
C12L4 (b0/2)
0x400000
50
0x32
Channel 1 - post scale
C1PreS
0x7FFFFF
51
0x33
Channel 2 - post scale
C2PreS
0x7FFFFF
52
0x34
Channel 1 - post scale
C1PstS
0x7FFFFF
53
0x35
Channel 2 - post scale
C2PstS
0x7FFFFF
54
0x36
Channel 3 - post scale
C3PstS
0x7FFFFF
55
0x37
Thermal warning - post
scale
TWPstS
0x5A9DF7
56
0x38
Channel 1 - mix 1
C1MX1
0x7FFFFF
57
0x39
Channel 1 - mix 2
C1MX2
0x000000
58
0x3A
Channel 2 - mix 1
C2MX1
0x000000
59
0x3B
Channel 2 - mix 2
C2MX2
0x7FFFFF
60
0x3C
Channel 3 - mix 1
C3MX1
0x400000
61
0x3D
Channel 3 - mix 2
C3MX2
0x400000
62
0x3E
Unused
63
0x3F
Unused
Table 70.
RAM block for biquads, mixing, and scaling (continued)
Index (decimal)
Index (hex)
Coefficient
Default
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
00
10
110
1
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
11
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77