| データシートサーチシステム |
|
STA335BWS データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BWS データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 68 page ![]() Register description STA335BWS 32/68 6.4.2 De-emphasis Setting the DEMP bit enables de-emphasis on all channels 6.4.3 DSP bypass Setting the DSPB bit bypasses the EQ functionality of the STA335BWS. 6.4.4 Post-scale link Post-scale functionality can be used for power-supply error correction. For multi-channel applications running off the same power-supply, the post-scale values can be linked to the value of channel 1 for ease of use and update the values faster. 6.4.5 Biquad coefficient link For ease of use, all channels can use the biquad coefficients loaded into the Channel 1 Coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to be performed once. Bit R/W RST Name Description 1R/W 0 DEMP 0: No de-emphasis 1: De-emphasis Bit R/W RST Name Description 2 R/W 0 DSPB 0: Normal operation 1: Bypass of biquad and bass/treble functionality Bit R/W RST Name Description 3 R/W 0 PSL 0: Each channel uses individual post-scale value 1: Each channel uses channel 1 post-scale value Bit R/W RST Name Description 4R/W 0 BQL 0: Each channel uses coefficient values 1: Each channel uses channel 1 coefficient values |